Part Number Hot Search : 
SMBJ45A APTGT5 FCH10U SM5841HS V0DS00 MC1451 74LV393N BGY58
Product Description
Full Text Search
 

To Download RVS-50V3R3M-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  31 note design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use. cat.no.2004/2005e(2004.10.1) rvs vertical chip type aluminum electrolytic capacitors series rvs chip type 105?c capacitors (height:5.5mm) compatible with surface mounting for 5.5mm high capacitors. supplied with carrier taping. guarantees 1000 hours at 105?c. marking color : black print rvs rv2 high temperature l d 0.5 b 0.2 (p) (c) (c) 0.4 0.2 a 0.2 ( ): reference size 0.3max w specifications outline drawing standard ratings coefficient of frequency for rated ripple current item performance category temperature range (?c) tolerance at rated capacitance (%) leakage current (?) tangent of loss angle (tan ) characteristics at high and low temperature endurance (105 ? c) (applied ripple current) shelf life (105 ? c) test time : 1000 hours; other items are the same as those for the endurance. voltage application treatment : according to jis c5101-1 applicable standards jis c5101-1, -18 1998 (iec 60384-1 1992, -18 1993) ? 55 to + 105 20 less than 0.01cv or 3 whichever is larger(after 2 minutes) c: rated capacitance(f); v: rated voltage(v) rated voltage (v) 6.3 10 16 25 35 50 0.30 0.26 0.22 0.16 0.13 0.12 tan (max.) (20 ? c) (20 ? c,120hz) (20 ? c,120hz) (120hz) test time leakage current percentage of capacitance change tangent of the loss angle 1000 hours the initial specified value or less within 20% of initial value 200% or less of the initial specified value rated voltage (v) 6.3 10 16 25 35 50 432222 854333 impedance ratio (max.) ? 25 ? c / + 20 ? c ? 40 ? c / + 20 ? c unit: mm rated voltage(v) frequency(hz) 6.3 to 16 25 to 35 50 (note) rated ripple current : 105 ? c, 120hz ; esr : 20 ? c, 120hz 50 . 60 120 1k 10k . 100k 0.80 1 1.15 1.25 0.80 1 1.25 1.40 0.80 1 1.35 1.50 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 rated voltage(v) 6.3 10 16 25 35 50 item rated capacitance(f) 42321 51530 51136 6.3 5.0 61 44315 52025 51331 6.3 9.2 43 43616 51728 6.3 11 40 6.3 7.8 47 45712 52721 6.3 12 36 6.3 8.0 44 44614 52223 6.3 10 50 4 1190 2 4 905 3 4 603 4 4 424 5 4 199 7 49110 46012 54217 6.3 20 26 case esr d(mm) ? marms rated ripple current case esr d(mm) ? marms rated ripple current case esr d(mm) ? marms rated ripple current case esr d(mm) ? marms rated ripple current case esr d(mm) ? marms rated ripple current case esr d(mm) ? marms rated ripple current 4 5 6.3 d 5.3 0.2 5.3 0.2 5.3 0.2 l 4.3 5.3 6.6 a 4.3 5.3 6.6 b 2.0 2.3 2.7 c 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 w 1.0 1.5 2.0 p soldering conditions and land size are described on page 14. the taping spesifications are described on page 15. part numbering system (example: 16v47f) environmental item former item rvs ? v u series code 16 470 m rated voltage symbol rated capacitance symbol capacitance tolerance symbol ? taping symbol additional symbol rvs ? v series code 16 470 m rated voltage symbol rated capacitance symbol capacitance tolerance symbol ? taping symbol additional symbol
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: elna: ? rvs-10v330m-r? rvs-10v100m-r? rvs-35v220m-r? rvs-35v100m-r? rvs-16v220m-r? RVS-50V3R3M-R? rvs- 35v4r7m-r? rvs-25v330m-r? rvs-6v101m-r? rvs-6v470m-r? rvs-50vr47m-r? rvs-50vr22m-r? rvs- 10v100mu-r? rvs-50v010mu-r? rvs-6v470mu-r? rvs-16v470mu-r? rvs-6v220mu-r? rvs-35v4r7mu-r? rvs- 50vr22mu-r? rvs-50v4r7mu-r? rvs-50v100mu-r? rvs-25v330mu-r? rvs-16v100mu-r? rvs-6v101mu-r? rvs-35v100mu-r? rvs-10v330mu-r? rvs-50v2r2mu-r? rvs-35v220mu-r? rvs-50vr47mu-r? rvs-16v220mu- r? rvs-50v3r3mu-r


▲Up To Search▲   

 
Price & Availability of RVS-50V3R3M-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X